PART |
Description |
Maker |
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
MSC3130T1_D MSC3130T1 MSC3130 ON2375 |
From old datasheet system NPN RF Amplifier Transistors Surface Mount NPN RF Amplifier Transistor Surface Mount CASE 318D3, STYLE 1 SC9
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
DZT5551-13 |
NPN SURFACE MOUNT TRANSISTOR 600 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-4
|
Diodes Incorporated Diodes, Inc.
|
CXT3090L CXT3090L-15 |
SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR SURFACE MOUNT NPN SILICON POWER TRANSISTOR
|
Central Semiconductor Corp Central Semiconductor C...
|
2N3904CSM |
GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS General Purpose NPN Transistor In a Hermetic Surface Mount Package For High Reliability Application(通用NPN晶体管(高可靠性、表贴型封装
|
SemeLAB SEME-LAB[Seme LAB]
|
DXT2222A-13 DXT2222A |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEEN, PLASTIC, SOT89-3L, 4 PIN NPN SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
2DD2679 2DD2679-13 2DD2679-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 2000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
61084-300 61084 61084-001 61084-002 61084-101 6108 |
TV 29C 29#20 PIN PLUG 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR TV 42C 36#22D 6#8(TWINAX) SKT 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
DDTD133HC-7-F DDTD143EC DDTD113EC DDTD113EC09 DDTD |
Prebiased Transistors 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 NPN PRE-BIASED 500mA SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated Diodes Inc.
|
MSC2295-BT1G |
NPN RF Amplifier Transistors Surface Mount Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
61090-300 61090 61090-001 61090-002 61090-101 6109 |
SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR TV 11C 11#12 SKT PLUG 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
BDS12 BDS12SMD BDS10SMD BDS11SMD BDS11 BDS10 |
SILICON NPN EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES 15 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-276AB
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|